PART |
Description |
Maker |
LT1780 LT1781 LT1780CSWTRPBF |
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO18
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1280ACS |
LINE TRANSCEIVER, PDSO18
|
LINEAR TECHNOLOGY CORP
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
MAX3222E10 MAX3222EEUP MAX3222ECUP MAX3222ECPN MAX |
卤15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, QCC20 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO18 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO20
|
http:// Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LTM2882CV-3PBF LTM2882CV-5PBF LTM2882CY-5PBF LTM28 |
Dual Isolated RS232 µModule Transceiver Power, LGA, 32 Pins, Temperature Range: 0°C to 70°C DUAL LINE TRANSCEIVER, PBGA32 Dual Isolated RS232 µModule Transceiver Power, BGA, 32 Pins, Temperature Range: 0°C to 70°C DUAL LINE TRANSCEIVER, PBGA32
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
HIN213ECA HIN233ECB |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDSO20
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
ICL23205 ICL232CBET ICL232CBEZ ICL232CBEZT ICL232L |
5V Powered, Dual RS-232 Transmitter/Receiver(5V电源电压、双组RS-232收发 DUAL LINE TRANSCEIVER, PDSO16
|
http:// INTERSIL[Intersil Corporation]
|
ADM3101EACPZ |
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) DUAL LINE TRANSCEIVER, QCC12
|
Analog Devices, Inc.
|
DM74LS155 DM74LS155M DM74LS155N 74LS155 DM74LS156M |
Dual 2-Line to 4-Line Decoder/1-to-4 Line Demultiplexer with Open-Collector Outputs 2-To-4-Line Demultiplexer LS SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PDSO16 Dual 2-Line to 4-Line Decoders/Demultiplexers
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTC1384CSW LTC13841 LTC1384CNPBF LTC1384IGTR LTC13 |
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown; Package: SSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL LINE TRANSCEIVER, PDSO20 5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown; Package: PDIP; No of Pins: 18; Temperature Range: 0°C to 70°C DUAL LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
MAX1480E-MAX1490E MAX1490EBEPG MAX1480E MAX1480E_M |
"?à15kV ESD-Protected, Isolated RS-485/RS-422 Data Interfaces" LINE TRANSCEIVER|HYBRID|1 DRIVER|1 RCVR|DIP|28PIN|PLASTIC LINE TRANSCEIVER, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. RS-485
|